Part Number Hot Search : 
2SK21 MMBZ5 EPA120 CPD48 10PBF LT196 18LF2 203SH30
Product Description
Full Text Search
 

To Download MURS460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.0 0.15 7.5 0.25 5.8 0.3 2.4 0.2 1.5 0.25 0.203max 8.3 0.2 0.25 0.06 low cost glass passivated chip junction low forward voltage drop high current capability case:jedec smc,mo lded plastic polarity: color band denotes cathode weight: 0.007 ounces,0.21 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. murs 410 murs 415 murs 420 murs 430 murs 440 murs 450 murs 460 units maximum recurrent peak reverse voltage v rrm 100 150 200 300 400 500 600 v max imum rms v oltage v rms 70 105 140 210 280 350 420 v max imum dc bloc king v oltage v dc 100 150 200 300 400 500 600 v maximum average forw ard rectified current @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 4.0a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =125 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg 3. thermal resistance f rom junction to ambient. the plastic material carries u/l recognition 94v-0 note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. a 125.0 i r i fsm 100.0 a 10.0 maximum ratings and electrical characteristics a voltage range: 50 --- 600 v current: 4.0 a smc(do-214ab) easily cleaned with alcohol,isopropanol and s im ilar s olvents i f(av) 4.0 murs 405 - 55 ----- + 150 0.89 35 50 25 1.28 20 50 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. 50 - 55 ----- + 150 95 dimensions in millimeters murs 405 -murs 4 60 surface mount rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
amperes amperes instantaneous reverse current instantaneous forward current percentage of rated peak reverse voltage,% fi g. 5--forword derati ng curve junction capacitance,pf reverse voltage, volts ambient temperature, peak forword surge current amperes fi g. 1 -- test ci rcui t di agram and reverse recovery ti me characteri sti c instantaneous forward voltage, volts fi g. 4 -- typi cal juncti on capaci tance z set time base for 10/20 ns/cm notes:1.rise time = 7ns max.input impedance =1m . 22pf. jjjj 2.rise time =10ns max.so urce impedance=50 . fi g. 2 -- typi cal forward characteri sti c fi g. 3 -- typi cal reverse characteri sti c 20 0.002 0.08 2.0 40 60 80 100 0.2 0.8 8.0 20 80 40 120 140 200180160 4.0 0.4 0.02 0.04 0.008 0.004 0 t j =150?? t j =100?? t j =25?? 0.1 1.0 10 100 00.40.8 1.2 1.6 2.0 2.4 t j =25 pulse width=300 s murs405-murs420 murs430-MURS460 0.2 0.4 2.0 4.0 20 40 t j =25 f=1.0mhz 10 20 40 60 100 200 400 600 1000 0.1 0.2 0.4 1 2 4 10 40 100 20 -1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load 0.375"(9.5mm)lead length 175 1.5 2.0 2.5 3.0 3.5 4.0 1.0 murs 405 -murs 4 60 surface mount rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MURS460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X